PART |
Description |
Maker |
AS5SS128K36DQ-12/XT AS5SS128K36DQ-12/IT AS5SS128K3 |
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT 128K X 36 ZBT SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
EDI9LC644V1312BC EDI9LC644V1310BC EDI9LC644V1512BC |
SSRAM access:133MHz; SDRAM access:125MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:133MHz; SDRAM access:100MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:150MHz; SDRAM access:125MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:200MHz; SDRAM access:100MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:166MHz; SDRAM access:125MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:150MHz; SDRAM access:100MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:166MHz; SDRAM access:100MHz; 128K x 32 SSRAM/1M x 32 SDRAM SSRAM access:200MHz; SDRAM access:125MHz; 128K x 32 SSRAM/1M x 32 SDRAM
|
White Electronic Designs
|
AS5SS128K36DQ-12_XT AS5SS128K36 AS5SS128K36DQ-11_I |
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
|
AUSTIN[Austin Semiconductor]
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
AS7C33128PFD36A-166TQI AS7C33128PFD32A AS7C33128PF |
3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 166MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor Corp...
|
AS5SS256K18DQ-9_XT AS5SS256K18 AS5SS256K18DQ-10_IT |
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
|
AUSTIN[Austin Semiconductor]
|
A63L7332 A63L7332E-42 A63L7332E-45 A63L7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 4.2ns 128K x 32bit synchronous high speed SRAM 4.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology Corporation
|
CY7C1340A-100AC CY7C1340A-66AI CY7C1340A |
128K x 32 Synchronous-Pipelined RAM 128K X 32 STANDARD SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
IS61LF25618A-7.5TQLI |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
Integrated Silicon Solu...
|
AS7C3128PFS36A AS7C3128PFS32 AS7C3128PFS36A-4TQC A |
128K x 36 synchronous SRAM, 133 MHz 128K x 36 synchronous SRAM, 150 MHz 128K x 36 synchronous SRAM, 166 MHz 128K x 32 synchronous SRAM, 100 MHz 128K x 32 synchronous SRAM, 133 MHz 128K x 32 synchronous SRAM, 150 MHz 128K x 32 synchronous SRAM, 166 MHz 128K X 32 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K x 32/36 synchronous SRAM
|
Alliance Semiconductor, Corp.
|
MCM63D736 |
128K x 36 Bit Synchronous
Dual I/O, Dual Address SRAM(128K x 36 Bit同步双I/O双地址静态存储器)
|
Motorola, Inc.
|